Part Number Hot Search : 
M39Y5V TX1284T WM2130 8050D F051202 BC042 WM2130 G1402
Product Description
Full Text Search
 

To Download HFCT-53D5EMZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the hfct-53d5 transceiver from avago technologies allows the system designer to implement a range of solutions for single mode gigabit ethernet applications. the overall avago transceiver product consists of three sections: the transmitter and receiver optical subassemblies, an electrical subassembly, and the package housing which incorporates a duplex sc connector receptacle. transmitter section the hfct-53d5 incorporates a 1300 nm fabry- perot (fp) laser designed to meet the gigabit ethernet lx specification. the osa is driven by a custom, silicon bipolar ic which converts differential pecl logic signals (ecl referenced to a +5 volt supply) into an analog laser diode drive current. receiver section the receiver of the hfct-53d5 includes a inp pin photodiode mounted together with a custom, silicon bipolar transimpedance preamplifier ic in an osa. this osa is mated to a custom silicon bipolar circuit that provides post- amplification and quantization. the post-amplifier also includes a signal detect circuit which provides a pecl logic-high output upon detection of a usable input optical signal level. this singleended pecl output is designed to drive a standard pecl input through a 50 ? pecl load. HFCT-53D5EMZ and hfct-53d5fmz 1300 nm fp laser 1 x 9 fiber optic transceivers for gigabit ethernet data sheet features ? ? ? ? ? compliant with specifications for ieee- 802.3z gigabit ethernet ? ? ? ? ? industry standard mezzanine height 1 x 9 package style with integral duplex sc connector ? ? ? ? ? performance 550 m with 62.5/125 mm mmf 550 m with 50/125 mm mmf 10 km with 9/125 smf ? ? ? ? ? iec 60825-1 class 1/cdrh class i laser eye safety ? ? ? ? ? single +5 v power supply operation with pecl logic interfaces ? ? ? ? ? wave solder and aqueous wash process compatible ? ? ? ? ? rohs compliance related products ? ? ? ? ? physical layer ics available for optical or copper interface (hdmp-1636a/1646a) ? ? ? ? ? versions of this transceiver module also available for fibre channel (hfct-53d3xxz) ? ? ? ? ? gigabit interface converters (gbic) for gigabit ethernet (cx, sx, lx) applications ? ? ? ? ? switch to switch interface ? ? ? ? ? switched backbone applications ? ? ? ? ? high speed interface for file servers ? ? ? ? ? high performance desktops
2 package and handling instructions flammability the hfct-53d5 transceiver housing is made of high strength, heat resistant, chemically resistant, and ul 94v-0 flame retardant plastic. recommended solder and wash process the hfct-53d5 is compatible with industrystandard wave or hand solder processes. process plug this transceiver is supplied with a process plug (hfbr-5000) for protection of the optical ports within the duplex sc connector receptacle. this process plug prevents contamination during wave solder and aqueous rinse as well as during handling, shipping and storage. it is made of a high temperature, molded sealing material that can withstand 80c and a rinse pressure of 110 lbs per square inch. recommended solder fluxes solder fluxes used with the hfct-53d5 should be water-soluble, organic fluxes. recommended solder fluxes include lonco 3355-11 from london chemical west, inc. of burbank, ca, and 100 flux from alpha-metals of jersey city, nj. recommended cleaning/degreasing chemicals alcohols : methyl, isopropyl, isobutyl. aliphatics : hexane, heptane other: soap solution, naphtha. do not use partially halogenated hydrocarbons such as 1,1.1 trichloroethane, ketones such as mek, acetone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride, or n-methylpyrolldone. also, avago technologies does not recommend the use of cleaners that use halogenated hydrocarbons because of their potential environmental harm. regulatory compliance (see the regulatory compliance table for transceiver performance) the overall equipment design will determine the certification level. the transceiver performance is offered as a figure of merit to assist the designer in considering their use in equipment designs. electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the first case is during handling of the transceiver prior to mounting it on the circuit board. it is important to use normal esd handling precautions for esd sensitive devices. these precautions include using grounded wrist straps, work benches, and floor mats in esd controlled areas. the transceiver performance has been shown to provide adequate performance in typical industry production environments. the second case to consider is static discharges to the exterior of the equipment chassis containing the transceiver parts. to the extent that the duplex sc connector receptacle is exposed to the outside of the equipment chassis it may be subject to whatever system-level esd test criteria that the equipment is intended to meet. the transceiver performance is more robust than typical industry equipment requirements of today. electromagnetic interference (emi) most equipment designs utilizing these high- speed transceivers from avago technologies will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. refer to emi section (page 5) for more details. immunity equipment utilizing these transceivers will be subject to radio-frequency electromagnetic fields in some environments. these transceivers have good immunity to such fields due to their shielded design. eye safety these laser-based transceivers are classified as ael class i (u.s. 21 cfr(j) and ael class 1 per en 60825-1 (+a11). they are eye safe when used within the data sheet limits per cdrh. they are also eye safe under normal operating conditions and under all reasonably forseeable single fault conditions per en60825- 1. avago technologies has tested the transceiver design for compliance with the requirements listed below under normal operating conditions and under single fault conditions where applicable. tuv rheinland has granted certification to these transceivers for laser eye safety and use in en 60950 and en 60825-2 applications. their performance enables the transceivers to be used without concern for eye safety up to 7 volts transmitter vcc.
3 caution: there are no user serviceable parts nor any maintenance required for the hfct-53d5. all adjustments are made at the factory before shipment to our customers. tampering with or modifying the performance of the hfct-53d5 will result in voided product warranty. it may also result in improper operation of the hfct- 53d5 circuitry, and possible overstress of the laser source. device degradation or product failure may result. connection of the hfct-53d5 to a nonapproved optical source, operating above the recommended absolute maximum conditions or operating the hfct-53d5 in a manner inconsistent with its design and function may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. the person(s) performing such an act is required by law to recertify and reidentify the laser product under the provisions of u.s. 21 cfr (subchapter j). regulatory compliance feature test method performance electrostatic discharge (esd) to the electrical pins mil-std-883c method 3015.7 class 1 (>2000v). electrostatic discharge (esd) to the duplex sc receptacle variation of iec 61000-4-2 typically withstand at least 15 kv without damage when the duplex sc connector receptacle is contacted by a human body model probe. electromagnetic interference (emi) fcc class b cenelec en55022 class b (cispr 22a) vcci class i margins are dependent on customer board and chassis designs. immunity variation of iec 61000-4-3 typically show no measurable effect from a 10 v/m field swept from 80 to 1000 mhz applied to the transceiver without a chassis enclosure. laser eye safety and equipment type testing us 21 cfr, subchapter j per paragraphs 1002.10 and 1002.12 en 60825-1: 1994 +a11 en 60825-2: 1994 + a1 en 60950: 1992+a1+a2+a3+a4+a11 ael class i, fda/cdrh accenssion #9521220-16 ael class 1, tuv rheinland of north certificate r02071007 component recognition underwriters laboratories and canadian standards association joint component recognition for information technology equipment including electrical business equipment. ul file e173874 (pending) rohs compliance less than 1000 ppm of cadmium, lead, mercury, hexavalent chromium, polybrominated biphenyls, and polybrominated biphenyl ethers.
4 provided the data pattern is reasonably balanced in duty factor. if the data duty factor has long, continuous state times (low or high data duty factor), then the output optical power will gradually change its average output optical power level to its pre-set value. as for the receiver section, it is internally ac- coupled between the pre-amplifier and the postamplifier stages. the actual data and data- bar outputs of the postamplifier are dc-coupled to their respective output pins (pins 2, 3). signal detect is a single-ended, +5 v pecl output signal that is dc-coupled to pin 4 of the module. signal detect should not be ac- coupled externally to the follow-on circuits because of its infrequent state changes. caution should be taken to account for the proper interconnection between the supporting physical layer integrated circuits and this hfct- 53d5 transceiver. figure 3 illustrates a recommended interface circuit for interconnecting to a +5 vdc pecl fiber-optic transceiver. some fiber-optic transceiver suppliers modules include internal capacitors, with or without 50 ohm termination, to couple their data and data-bar lines to the i/o pins of their module. when designing to use these type of transceivers along with avago technologies transceivers, it is important that the interface circuit can accommodate either internal or external capacitive coupling with 50 ohm termination components for proper operation of both transceiver designs. the internal dc-coupled design of the hfct-53d5 i/o connections was done to provide the designer with the most flexibility for interfacing to various types of circuits. eye safety circuit for an optical transmitter device to be eye- safe in the event of a single fault failure, the transmitter must either maintain normal, eye- safe operation or be disabled. the hfct-53d5 utilizes an integral fiber stub along with a current limiting circuit to guarantee eye-safety. it is intrinsically eye safe and does not require shut down circuitry. application support optical power budget and link penalties the worst-case optical power budget (opb) in db for a fiberoptic link is determined by the difference between the minimum transmitter output optical power (dbm avg) and the lowest receiver sensitivity (dbm avg). this opb provides the necessary optical signal range to establish a working fiber-optic link. the opb is allocated for the fiber-optic cable length and the corresponding link penalties. for proper link performance, all penalties that affect the link performance must be accounted for within the link optical power budget. the gigabit ethernet ieee 802.3z standard identifies, and has modeled, the contributions of these opb penalties to establish the link length requirements for 62.5/125 mm and 50/125 mm multimode fiber usage. in addition, single-mode fiber with standard 1300 nm fabry-perot lasers have been modeled and specified. refer to the ieee 802.3z standard and its supplemental documents that develop the model, empirical results and final specifications. 10 km link support as well as complying with the lx 5 km standard, the hfct-53d5 specification provides additional margin allowing for a 10 km gigabit ethernet link on single mode fiber. this is accomplished by limiting the spectral width and center wavelength range of the transmitter while increasing the output optical power and improving sensitivity. all other lx cable plant recommendations should be followed. data line interconnections avago technologies hfct-53d5 fiber-optic transceiver is designed to directly couple to +5 v pecl signals. the transmitter inputs are internally dc-coupled to the laser driver circuit from the transmitter input pins (pins 7, 8). there is no internal, capacitively-coupled 50 ohm termination resistance within the transmitter input section. the transmitter driver circuit for the laser light source is a dc- coupled circuit. this circuit regulates the output optical power. the regulated light output will maintain a constant output optical power
5 signal detect the signal detect circuit provides a deasserted output signal that implies the link is open or the transmitter is off as defined by the gigabit ethernet specification ieee 802.3z, table 38.1. the signal detect threshold is set to transition from a high to low state between the minimum receiver input optional power and C30 dbm avg. input optical power indicating a definite optical fault (e.g. unplugged connector for the receiver or transmitter, broken fiber, or failed far-end transmitter or data source). a signal detect indicating a working link is functional when receiving encoded 8b/10b characters. the signal detect does not detect receiver data error or error-rate. data errors are determined by signal processing following the transceiver. electromagnetic interference (emi) one of a circuit board designers foremost concerns is the control of electromagnetic emissions from electronic equipment. success in controlling generated electromagnetic interference (emi) enables the designer to pass a governmental agencys emi regulatory standard; and more importantly, it reduces the possibility of interference to neighboring equipment. there are two options for the hfct-53d5 with regard to emi shielding which provide the designer with a means to achieve good emi performance. the emi performance of an enclosure using these transceivers is dependent on the chassis design. avago technologies encourages using standard rf suppression practices and avoiding poorly emi-sealed enclosures. the first configuration, option em, is for emi shielding applications where the position of the transceiver module will extend outside the equipment enclosure. the metallized plastic package and integral external metal shield of the transceiver helps locally to terminate em fields to the chassis to prevent their emissions outside the enclosure. this metal shield contacts the panel or enclosure on the inside of the aperture on all but the bottom side of the shield and provides a good rf connection to the panel. this option can accommodate various panel or enclosure thickness, i.e., .04 in. min. to 0.10 in. max. the reference plane for this panel thickness variation is from the front surface of the panel or enclosure. the recommended length for protruding the hfct- 53d5em transceiver beyond the front surface of the panel or enclosure is 0.25 in. with this option, there is flexibility of positioning the module to fit the specific need of the enclosure design. (see figure 5 for the mechanical drawing dimensions of this shield.) the second configuration, option fm, is for applications that are designed to have a flush mounting of the module with respect to the front of the panel or enclosure. the flush- mount design accommodates a large variety of panel thickness, i.e., 0.04 in. min. to 0.10 in. max. note the reference plane for the flush- mount design is the interior side of the panel or enclosure. the recommended distance from the centerline of the transceiver front solder posts to the inside wall of the panel is 0.55 in. this option contacts the inside panel or enclosure wall on all four sides of this metal shield. see figure 7 for the mechanical drawing dimensions of this shield. the two metallized designs are comparable in their shielding effectiveness. both design options connect only to the equipment chassis and not to the signal or logic ground of the circuit board within the equipment closure. the front panel aperture dimensions are recommended in figures 6 and 8. when layout of the printed circuit board is done to incorporate these metal- shielded transceivers, keep the area on the printed circuit board directly under the metal shield free of any components and circuit board traces. for additional emi performance advantage, use duplex sc fiber-optic connectors that have low metal content inside them. this lowers the ability of the metal fiber-optic connectors to couple emi out through the aperture of the panel or enclosure. evaluation kit to help you in your preliminary transceiver evaluation, avago technologies offers a 1250 mbd gigabit ethernet evaluation board (part # hfbr-0535). this board allows testing of the fiber-optic vcsel transceiver. it includes the hfct-53d5 transceiver, test board, and application instructions. in addition, a complementary evaluation board is available for the hdmp-1636a 1250 mbd gigabit ethernet serializer/ deserializer (serdes) ic. (part # hdmp-163k) please contact your local field sales representative for ordering details.
6 notes: 1. the transceiver is class 1 eye-safe up to vcc = 7 v. 2. this is the maximum voltage that can be applied across the differential transmitter data inputs without damaging the input ci rcuit. 3. case temperature measurement referenced to the center-top of the internal metal transmitter shield. 4. tested with a 50 mvp?p sinusoidal signal in the frequency range from 500 hz to 1500 khz on the vcc supply with the recommende d power supply filter in place. typically less than a 0.25 db change in sensitivity is experienced. 5. compatible with 10 k, 10 kh, and 100 k ecl and pecl input signals. 6. the outputs are terminated to vcc ?2 v. 7. aqueous wash pressure < 110 psi. absolute maximum ratings recommended operating conditions process compatibility parameter symbol min. typ. max. unit reference storage temperature t s -40 100 c supply voltage v cc -0.5 7.0 v 1 data input voltage v i -0.5 v cc v transmitter differential input village v d 1.6 v 2 output current i d 50 ma relative humidity rh 5 95 % parameter symbol minimum typical maximum unit reference ambient operating temperature t a 070c case temperature t c 90 c 3 supply voltage v cc 4.75 5.25 v power supply rejection psr 50 mv p?p 4 transmitter data input voltage ? low v il ?v cc ?1.810 -1.475 v 5 transmitter data input voltage ? high v ih ?v cc ?1.165 -0.880 v 5 transmitter differential input voltage v d 0.3 1.6 v data output load r dl 50 ? 6 signal detect output load r sdl 50 ? 6 parameter symbol min. typ. max. unit reference hand lead soldering temperature /time t sold /t sold 260/10 c/sec. wave soldering and aqueous wash t sold /t sold 260/10 c/sec. 7
7 parameter symbol min. typ. max. unit reference supply current i cct 65 130 ma power dissipation p dist 0.35 0.68 w data input current - low i il -350 0 a data input current - high i ih 16 350 a parameter symbol min. typ. max. unit reference supply current i ccr 120 140 ma power dissipation p disr 0.53 0.68 w 1 data output voltage - low v ol - v cc -1.950 -1.620 v 2 data output voltage - high v oh - v cc -1.045 -0.740 v 2 data output rise time t t 0.40 ns 3 data output fall time t f 0.40 ns 3 signal detect output voltage - low v ol - v cc -1.950 -1.620 v 2 signal detect outp ut voltage - high v oh - v cc -1.045 -0.740 v 2 hfct-53d5 family, 1300 nm fp/laser, transmitter electrical characteristics (ta = 0c to +70c, vcc = 4.75 v to 5.25 v) notes: 1. power dissipation value is the power dissipated in the receiver itself. it is calculated as the sum of the products of vcc an d icc minus the sum of the products of the output voltages and currents. 2. these outputs are compatible with 10 k, 10 kh, and 100 k ecl and pecl inputs. 3. these are 20-80% values. receiver electrical characteristics (ta = 0c to +70c, vcc = 4.75 v to 5.25 v)
8 notes: 1. the maximum optical output power complies with the ieee 802.3z specification, and is class 1 laser eye safe. 2. optical extinction ratio is defined as the ratio of the average output optical power of the transmitter in the high (?1?) sta te to the low (?0?) state. the transmitter is driven with a gigabit ethernet 1250 mbd 8b/10b encoded serial data pattern. this optical extinction ratio is exp ressed in decibels (db) by the relationship 10log(phigh avg/plow avg). 3. these are unfiltered 20-80% values. 4. laser transmitter pulse response characteristics are specified by an eye diagram (figure 2). the characteristics include rise time, fall time, pulse overshoot, pulse undershoot, and ringing, all of which are controlled to prevent excessive degradation of the receiver sensitiv ity. these parameters are specified by the referenced gigabit ethernet eye diagram using the required filter. the output optical waveform complies wi th the requirements of the eye mask discussed in section 38.6.5 and fig. 38-2 of ieee 802.3z. 5. tp refers to the compliance point specified in 802.3z, section 38.2.1. 6. the receive sensitivity is measured using a worst case extinction ratio penalty while sampling at the center of the eye. 7. the stressed receiver sensitivity is measured using the conformance test signal defined in 802.3z, section 38.6.11. the confo rmance test signal is conditioned by applying deterministic jitter and intersymbol interference. 8. the stressed receiver jitter is measured using the conformance test signal defined in 802.3z, section 38.6.11 and set to an a verage optical power 0.5 db greater than the specified stressed receive sensitivity. 9. the 3 db electrical bandwidth of the receiver is measured using the technique outlined in 802.3z, section 38.6.12. 10. return loss is defined as the minimum attenuation (db) of received optical power for energy reflected back into the optical fiber. receiver optical characteristics (ta = 0c to +70c, vcc = 4.75 v to 5.25 v) parameter symbol minimum typical maximum unit reference input optical power pin -20 -3 dbm avg. 6 stressed receiver sensitivity -14.4 dbm avg. 7 stressed receiver eye opening at tp4 201 ps 5,8 receive electrical 3 db upper cutoff frequency 1500 mhz 9 operating center wavelength c 1270 1355 nm return loss 12 db 10 signal detect ? asserted p a -20 dbm avg. signal detect ? deasserted p d -30 dbm avg. signal detect ? hysteresis p a ? p d 1.5 db parameter symbol miimum typical maximum unit reference output optical power 9 mm smf 62.5 mm mmf 50 mm mmf p out -9.5 -11.5 -11.5 -3 -3 -3 dbm dbm dbm 1 1 optical extinction ratio 9 db 2 center wavelength c 1285 1343 nm spectral width ? rms 2.8 nm rms optical rise/fall time t r /t f 0.26 ns 3,4, fig. 1 rin 12 -120 db/hz total transmitter jitter added at tp2 227 ps 5 hfct-53d5 family, 1300 nm fp-laser transmitter optical characteristics (ta = 0c to +70c, vcc = 4.75 v to 5.25 v)
9 figure 1. transmitter optical eye diagram mask. table 1. pinout table figure 2. pin-out. 0.8 0.5 0.2 0 0.22 0.375 0.78 normalized time -0.2 normalized amplitude 1.0 1.0 0 1.3 0.625 1 = v eer 2 = rd+ 3 = rd- 4 = sd 5 = v ccr 6 = v cct 7 = td- 8 = td+ 9 = v eet top view nic nic nic = no internal connection (mounting pins) rx tx pin symbol functional description mounting pins the mounting pins are provided for transceive r mechanical attachment to the circuit board. they are embedded in the nonconductive plastic housing and are not connected to the transceiver internal circuit, nor is there a guaranteed connection to the metallized housing in the em and fm versions. they should be soldered into plated-through holes on the printed circuit board. 1v eer receiver signal ground directly connect this pin to receiver signal ground plane. 2 rd+ receiver data out rd+ is an open-emitter output circuit. terminate this high-speed differential pecl output with standard pecl techniques at the follow-on device input pin. 3 rd- receiver data out bar rd- is an open-emitter output circuit. terminate this high-speed differential pecl output with standard pecl techniques at the follow-on device input pin. 4 sd signal detect normal optical input levels to the receiver result in a logic "1" output, v oh , asserted. low input optical levels to the receiver result in a fault condition indicated by a logic "0" output v oh , deasserted. signal detect is a single-ended pecl output. sd can be terminated with standard pecl techniques via 50 ? to v ccr - 2v. alternatively, sd can be loaded with a 270 ? resistor to v eer to conserve electrical power with small compromise to signal quality. if signal detect output is not used, leave it open-circuited. this signal detect output can be used to drive a pecl input on an upstream circuit, such as, signal detect input pr loss of signal-bar. 5v ccr receiver power supply provide +5 vdc via the recommended receiver power supply filter circuit. locate the power supply filter circuit as close as possible to the v ccr pin. 6v cct transmitter power supply provide +5 vdc via the recommended transmitter power supply filter circuit. locate the power supply filter circuit as close as possible to the v cct pin. 7 td- transmitter data in-bar terminate this high-speed differential pecl input with standard pecl techniques at the transmitter input pin. 8 td+ transmitter data in terminate this high-speed differential pecl input with standard pecl techniques at the transmitter input pin. 9v eet transmitter signal ground directly connect this pin to the transmitter signal ground plane.
10 figure 3. recommended gigabit/sec ethernet hfct-53d5 fiber-optic transceiver and hdmp-1636a/1646a serdes integrated circuit transceiver interface and power supply filter circuits. 9 8 7 6 5 4 3 1 pecl input output driver clock synthesis circuit parallel to serial circuit laser driver circuit input buffer clock recovery circuit serial to parallel circuit pre- amplifier post- amplifier signal detect circuit r10 270 to signal detect (sd) input at upper-level-ic r11 270 50 w r9 270 r14 100 c12 0.01 f c11 0.01 f 2 c4 10 f c3 0.1 f 5 vdc c2 0.1 f c1 0.1 f c8* 10 f* l2 1 h l1 1 h c10 0.01 f c9 0.01 f c5 0.1 f r1 191 r4 191 r3 68 r2 68 5 vdc r13 150 r12 150 50 w 50 w 50 w + + + 3.3 vdc gnd td+ td- rd- rd+ td+ td- rd- rd+ sd v ccr v cct v eet v eer hfct-53d5 fiber-optic transceiver hdmp-1636a/-1646a serial/de-serializer (serdes - 10 bit transceiver) notes: *c8 is an optional bypass capacitor for additional low-frequency noise filtering. use surface-mount components for optimum high-frequency performance. use 50 w microstrip or stripline for signal paths. locate 50 w terminations at the inputs of receiving units. v cc2 v ee2 see hdmp-1636a/-1646a data sheet for details about this transceiver ic. figure 4. recommended board layout hole pattern. (8x) 2.54 0.100 20.32 0.800 20.32 0.800 1.9 0.1 0.075 0.004 (2x) ? ? 0.000 m a 0.8 0.1 0.032 0.004 (9x) ? ? 0.000 m a -a- top view
11 figure 5. package outline for hfct-53d5em. 39.6 (1.56) max. area reserved for process plug 12.7 (0.50) 25.4 (1.00) max. 12.7 (0.50) 20.32 (0.800) 20.32 (0.800) dimensions are in millimeters (inches). all dimensions are 0.025 mm unless otherwise specified. 9.8 (0.386) max. +0.1 -0.05 0.25 +0.004 -0.002 ( 0.010 3.3 0.38 (0.130 0.015) ) 20.32 (0.80) slot width 4.7 (0.185) 23.8 (0.937) +0.25 -0.05 0.46 +0.010 -0.002 ( 0.018 ) 9x ? 1.3 (0.051) 2x ? 15.8 0.15 (0.622 0.006) +0.25 -0.05 1.27 +0.010 -0.002 ( 0.050 ) 2x ? 2.0 0.1 (0.079 0.004) 29.6 (1.16) key: yyww = date code for singlemode modules: xxxx-xxxx = hfct-53xx zzzz = 1300 nm 8x 2.54 (0.100) 10.2 (0.40) 1.3 (0.05) max. 2.09 (0.08) uncompressed uncompressed xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx a a
figure 6. suggested module positioning and panel cut-out for HFCT-53D5EMZ. 27.4 0.50 (1.08 0.02) 9.4 (0.37) 6.35 (0.25) pcb bottom view module protrusion 2x 0.8 (0.032) +0.5 -0.25 10.9 +0.02 -0.01 ( 0.43 ) 2x 0.8 (0.032) a
figure 7. package outline for hfct-53d5fmz. 39.6 (1.56) max. area reserved for process plug 12.7 (0.50) 25.4 (1.00) max. 20.32 (0.800) 20.32 (0.800) dimensions are in millimeters (inches). all dimensions are 0.025 mm unless otherwise specified. +0.1 -0.05 0.25 +0.004 -0.002 ( 0.010 3.3 0.38 (0.130 0.015) ) 20.32 (0.800) 2.2 (0.09) slot depth 23.8 (0.937) +0.25 -0.05 0.46 +0.010 -0.002 ( 0.018 ) 9x ? 1.3 (0.051) 2x ? 15.8 0.15 (0.622 0.006) +0.25 -0.05 1.27 +0.010 -0.002 ( 0.050 ) 2x ? 14.4 (0.57) 29.7 (1.17) 12.7 (0.50) slot width 4.7 (0.185) 2.0 0.1 (0.079 0.004) key: yyww = date code for singlemode modules: xxxx-xxxx = hfct-53xx zzzz = 1300 nm 25.8 (1.02) max. 22.0 (0.87) 8x 2.54 (0.100) area reserved for process plug 9.8 (0.386) max. 10.2 (0.40) max. xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx 1.01 (0.40) a a
ordering information 1300 nm fp laser (lx ? long wavelength laser) HFCT-53D5EMZ extended/protruding shield, metallized housing. hfct-53d5fmz flush shield, metallized housing. figure 8. suggested module positioning and panel cut-out for hfct-53d5fmz. 10.82 (0.426) 26.4 (1.04) 1.98 (0.078) 13.82 (0.544) 30.2 (1.19) 14.73 (0.58) keep out zone bottom side of pcb dimension shown for mounting module flush to panel. thicker panel will recess module. thinner panel will protrude module. 12.0 (0.47) 0.36 (0.014) 1.27 (0.05) optional septum dimensions are in millimeters (inches). all dimensions are 0.025 mm unless otherwise specified. a for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies, pte. in the united states and other countries. data subject to change. copyright ? 2006 avago technologies pte. all rights reserved. av01-0047en - march 15, 2006


▲Up To Search▲   

 
Price & Availability of HFCT-53D5EMZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X